Part Number Hot Search : 
M4100 2SK678 ACE24LC1 74F50729 TZA1000 DLW5BT 2SC5646A 3083MZ
Product Description
Full Text Search
 

To Download KBP101G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBP101G - KBP107G
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
KBP
.460(11.68) .420(10.6) AC
Features
UL Recognized File # E-96005 Glass passivated junction Ideal for printed circuit board Reliable low cost construction High surge current capability High temperature soldering guaranteed: o 260 C / 10 seconds at 5 lbs., ( 2.3 kg ) tension Leads solderable per MIL-STD-202, Method 208 Small size, simple installation
.035(0.9) .028(0.7)
.5 (12.7) MIN
.160(4.1) SPACING .140(3.6)
.600(15.24) .560(14.22)
.153(3.9) .146(3.7)
.050(1.27)
Dimensions in inches and (millimeters)
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Maximum Ratings and Electrical Characteristics
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA = 50 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current @ TA=25 oC o at Rated DC Blocking Voltage @ TA=125 C
Symbol KBP KBP KBP KBP KBP KBP KBP
VRRM VRMS VDC I(AV) IFSM VF IR
101G 102G 103G 50 100 200 35 70 140 50 100 200
104G 400 280 400 1.0 30 1.0
105G 600 420 600
106G 800 560 800
107G 1000 700 1000
Units
V V V A A V
10 uA 500 uA Typical Thermal resistance (Note) RJA 28 o C/W RJL 10 o Operating Temperature Range TJ -55 to +150 C o Storage Temperature Range TSTG -55 to +150 C Note: Thermal Resistance from Junction to Ambient and from Junction to lead Mounted on P.C.B. With 0.2" x 0.2" (5mm x 5mm) Copper Pads.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (KBP101G THRU KBP107G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
2.0 AVERAGE FORWARD CURRENT. (A)
FIG.2- TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT. ( A)
1.5
0 Tj=125OC Tj=125C
1.0
100
0.5
0
20
40
60
80
100
120
o
140
160
10
AMBIENT TEMPERATURE. ( C)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
50 PEAK FORWARD SURGE CURRENT. (A)
1
Tj=25 0C 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
40
30
1000
FIG.4- TYPICAL JUNCTION CAPACITANCE
600
20
JUNCTION CAPACITANCE.(pF)
10
500
Tj=25 0C
0
1
2
6 8 10 4 20 NUMBER OF CYCLES AT 60Hz
40
60 80 100
400 300 200 100 0 0.1
10
FIG.5- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
0.5
1
2
5
10
20
50 100
200
500 800
INSTANTANEOUS FORWARD CURRENT. (A)
REVERSE VOLTAGE. (V)
1
0.1 Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
0
0.01 0.6
0.7 0.8 0.9 1.0 1.1 1.2 1.3 INSTANTANEOUS FORWARD VOLTAGE. (V)
1.4
Version: A06


▲Up To Search▲   

 
Price & Availability of KBP101G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X